Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0604N Datasheet (PDF) - Renesas Technology Corp

Part # N0604N
Description  N-channel MOSFET 60 V, 82 A, 6.5 m廓
File Size   148.43 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0604N Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - N0604N_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
N-channel MOSFET Low on-state resistance
More results


Similar Description - N0604N_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
FDMA8884 FAIRCHILD-FDMA8884 Datasheet
250Kb / 6P
Single N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDMS86101 FAIRCHILD-FDMS86101_12 Datasheet
294Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 8 m廓
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
logo
ON Semiconductor
FDB86566-F085 ONSEMI-FDB86566-F085 Datasheet
531Kb / 7P
N-Channel PowerTrench MOSFET 60 V, 110 A, 2.7 m廓
August-2017, Rev. 2
NVMFD5C668NL ONSEMI-NVMFD5C668NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com