Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U152003M Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # U152003M
Description  USB to Type M 5V DC Power Cable, 3-ft
File Size   494.19 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U152003M Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - U152003M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U152003N TRIPPLITE-U152003N Datasheet
489Kb / 2P
USB to Type N 5V DC Power Cable, 3-ft
More results


Similar Description - U152003M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U152003N TRIPPLITE-U152003N Datasheet
489Kb / 2P
USB to Type N 5V DC Power Cable, 3-ft
U152-003-M TRIPPLITE-U152-003-M Datasheet
493Kb / 2P
USB to Type M 5V DC Power Cable, 3-ft.
U152-003-N TRIPPLITE-U152-003-N Datasheet
488Kb / 2P
USB to Type N 5V DC Power Cable, 3-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U422-003-G2 TRIPPLITE-U422-003-G2 Datasheet
160Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B (M/M), 3 ft.
U038-003-CRA TRIPPLITE-U038-003-CRA Datasheet
163Kb / 3P
USB Type-A to Type-C Cable, M/M, Right-Angle USB-C, 2.0, 3 ft. - Thunderbolt 3 Compatible
U152-003-3P5 TRIPPLITE-U152-003-3P5 Datasheet
159Kb / 3P
USB to DC Power Cable ??M/M, USB-A to 3.5 x 1.35 mm DC Barrel Plug, 3 ft.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com