Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0390012 Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # P0390012
Description  Heavy-Duty Y Splitter Power Cord for PDU and UPS, 20A, 10AWG (NEMA L6-20P to 2x NEMA L6-20R), 1ft
File Size   468.84 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P0390012 Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - P0390012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P039-001-2 TRIPPLITE-P039-001-2 Datasheet
165Kb / 2P
L6-20P to 2x L6-20R Y Splitter, Heavy Duty - 20A, 250V, 10 AWG, 1 ft., Black
logo
Pulse A Technitrol Comp...
P0395 PULSE-P0395 Datasheet
97Kb / 1P
SMT POWER INDUCTORS
P0395NL PULSE-P0395NL Datasheet
128Kb / 1P
SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
P0395NL PULSE-P0395NL Datasheet
133Kb / 2P
SMT POWER INDUCTORS Toroid - Tomcat Series
P0395NL PULSE-P0395NL Datasheet
114Kb / 1P
SMT POWER INDUCTORS Toroid - Tomcat Series
More results


Similar Description - P0390012

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L620C-B POWERDYNAMICS-PD-L620C-B Datasheet
123Kb / 1P
NEMA L6-20R CORD CONNECTOR 20A 250VAC; ASSEMBLY TYPE
logo
Tripp Lite. All Rights ...
P04406I TRIPPLITE-P04406I Datasheet
481Kb / 2P
Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20R to NEMA-5-20P), 6-in
P04606N TRIPPLITE-P04606N Datasheet
468Kb / 2P
Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20P to NEMA-5-20R), 6-in
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P040012 TRIPPLITE-P040012 Datasheet
490Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 12AWG (IEC-320-C19 to NEMA L6-20P), 12-ft
P040014 TRIPPLITE-P040014 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 14-ft
P041008 TRIPPLITE-P041008 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 30A, 10AWG (NEMA L6-30P to NEMA L6-30R), 8-ft
P0410012 TRIPPLITE-P0410012 Datasheet
470Kb / 2P
Heavy-Duty Power Extension Cord Y Splitter Cable, 30A, 10AWG (NEMA L6-30P to 2x NEMA L6-30R), 1-ft
P040-006 TRIPPLITE-P040-006 Datasheet
490Kb / 2P
Heavy-Duty Power Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft.
P039-001-2 TRIPPLITE-P039-001-2 Datasheet
165Kb / 2P
L6-20P to 2x L6-20R Y Splitter, Heavy Duty - 20A, 250V, 10 AWG, 1 ft., Black
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com