Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0410012 Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # P0410012
Description  Heavy-Duty Power Extension Cord Y Splitter Cable, 30A, 10AWG (NEMA L6-30P to 2x NEMA L6-30R), 1-ft
File Size   470.24 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P0410012 Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - P0410012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P041008 TRIPPLITE-P041008 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 30A, 10AWG (NEMA L6-30P to NEMA L6-30R), 8-ft
More results


Similar Description - P0410012

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L630C-B POWERDYNAMICS-PD-L630C-B Datasheet
122Kb / 1P
NEMA L6-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
logo
Tripp Lite. All Rights ...
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P041008 TRIPPLITE-P041008 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 30A, 10AWG (NEMA L6-30P to NEMA L6-30R), 8-ft
P043002 TRIPPLITE-P043002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord with 20 AMP Breaker, 20A, 10AWG (NEMA L5-30P to NEMA L5-20R), 2-ft
P0390012 TRIPPLITE-P0390012 Datasheet
468Kb / 2P
Heavy-Duty Y Splitter Power Cord for PDU and UPS, 20A, 10AWG (NEMA L6-20P to 2x NEMA L6-20R), 1ft
P039-001-2 TRIPPLITE-P039-001-2 Datasheet
165Kb / 2P
L6-20P to 2x L6-20R Y Splitter, Heavy Duty - 20A, 250V, 10 AWG, 1 ft., Black
logo
Schneider Electric
AP7731 SCHNEIDER-AP7731 Datasheet
88Kb / 2P
Rack ATS, 208V, 30A, (2) L6-30P in, (1) L6-30R Out
15 Jun 2020
logo
Tripp Lite. All Rights ...
P041-008 TRIPPLITE-P041-008 Datasheet
165Kb / 3P
Power Extension Cord, NEMA L6-30P to NEMA L6-30R - Heavy-Duty, 30A, 250V, 10 AWG, 8 ft. (2.43 m), Black
P041-014 TRIPPLITE-P041-014 Datasheet
174Kb / 3P
L6-30P to L6-30R Heavy-Duty Extension Cord - 30A, 250V, 10 AWG, 14 ft., Black
P046-010-LL-30A TRIPPLITE-P046-010-LL-30A Datasheet
179Kb / 3P
Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 10 ft. (3.05 m), Black, Locking Connectors
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com