Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA0802 Datasheet (PDF) - RF Micro Devices

Part # RFPA0802
Description  Integrated Power Amplifier 700MHz to 950MHz
File Size   962.89 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0802 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFPA0802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133 Datasheet
718Kb / 8P
3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
718Kb / 8P
3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-410 QORVO-RFPA0133PCK-410 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results


Similar Description - RFPA0802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
RF Amplifier 700MHz to 1.1GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com