Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA3960 Datasheet (PDF) - RF Micro Devices

Part # RFHA3960
Description  Broadband Operation DC to 6GHz
File Size   1641.62 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3960 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFHA3960

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
35W Linear GaN on SiC Power Amplifier Die
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
65W GaN Wide-Band Power Amplifier
More results


Similar Description - RFHA3960

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
logo
Pasternack Enterprises,...
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
Operate from DC to 6GHz
logo
Integrated Device Techn...
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2977 RENESAS-F2977 Datasheet
3Mb / 19P
High Linearity Broadband SP2T 30MHz to 6GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com