Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXO-5S-4P Datasheet (PDF) - QUARTZCOM the communications company

Part # VXO-5S-4P
Description  Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
File Size   103.33 Kbytes
Html View  1 
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VXO-5S-4P Datasheet (PDF) - QUARTZCOM the communications company



Similar Part No. - VXO-5S-4P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VXO-5S-6P QUARTZCOM-VXO-5S-6P Datasheet
97Kb / 1P
Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
More results


Similar Description - VXO-5S-4P

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
logo
QUARTZCOM the communica...
VXO-1S-PEM-6P QUARTZCOM-VXO-1S-PEM-6P Datasheet
120Kb / 1P
High frequency SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-1S-DS-6P QUARTZCOM-VXO-1S-DS-6P Datasheet
118Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-PE-6P QUARTZCOM-VXO-P9-PE-6P Datasheet
112Kb / 1P
SMD VCXO LVPECL Output frequency up to 200 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PEH-6J QUARTZCOM-VXO-P9-PEH-6J Datasheet
107Kb / 1P
SMD VCXO LVPECL Output frequency up to 800 MHz
VXO-P9-DS-6P QUARTZCOM-VXO-P9-DS-6P Datasheet
229Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
SMD VCXO LVDS Output frequency up to 800 MHz
VXO-5S-6P QUARTZCOM-VXO-5S-6P Datasheet
97Kb / 1P
Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
VXO-6S-4P QUARTZCOM-VXO-6S-4P Datasheet
119Kb / 1P
Miniature packaged SMD VCXO CMOS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com