Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6139 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE71S6139
Description  SP4T Electromechanical Relay Switch DC to 40 GHz
File Size   446.0 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6139 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE71S6139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
Switching Sequence Break Before Make
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
Switching Sequence Break Before Make
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
More results


Similar Description - PE71S6139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6103 PASTERNACK-PE71S6103 Datasheet
449Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6135 PASTERNACK-PE71S6135 Datasheet
436Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6137 PASTERNACK-PE71S6137 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6138 PASTERNACK-PE71S6138 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching
REV 1.0
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com