Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5CK1002 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE5CK1002
Description  Functional from DC to 3 GHz
File Size   1129.05 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5CK1002 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE5CK1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
Standard kit includes
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
Standard kit includes
More results


Similar Description - PE5CK1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1051 PASTERNACK-PE3CA1051 Datasheet
385Kb / 4P
Operate from DC to 6 GHz
PE3CA1052 PASTERNACK-PE3CA1052 Datasheet
387Kb / 4P
Operate from DC to 6 GHz
PE3CA1053 PASTERNACK-PE3CA1053 Datasheet
389Kb / 4P
Operate from DC to 6 GHz
PE3CA1054 PASTERNACK-PE3CA1054 Datasheet
387Kb / 4P
Operate from DC to 6 GHz
PE3CA1055 PASTERNACK-PE3CA1055 Datasheet
385Kb / 4P
Operate from DC to 6 GHz
PE3CA1056 PASTERNACK-PE3CA1056 Datasheet
391Kb / 4P
Operate from DC to 6 GHz
PE3CA1058 PASTERNACK-PE3CA1058 Datasheet
386Kb / 4P
Operate from DC to 6 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
CRYSTEK CORPORATION
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com