Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5569 Datasheet (PDF) - ON Semiconductor

Part # 2SC5569
Description  Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
File Size   359.86 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5569 Datasheet (PDF) - ON Semiconductor



Similar Part No. - 2SC5569

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5569 SANYO-2SC5569 Datasheet
50Kb / 5P
DC/DC Converter Applications
logo
Unisonic Technologies
2SC5569 UTC-2SC5569 Datasheet
172Kb / 4P
DC/DC CONVERTER APPLICATIONS
logo
Sanyo Semicon Device
2SC5569 SANYO-2SC5569 Datasheet
63Kb / 5P
DC / DC Converter Applications
2SC5569 SANYO-2SC5569 Datasheet
467Kb / 8P
DC / DC Converter Applications
2SC5569 SANYO-2SC5569 Datasheet
472Kb / 8P
DC / DC Converter Applications
More results


Similar Description - 2SC5569

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com