Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN7128B Datasheet (PDF) - ON Semiconductor

Part # EN7128B
Description  Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
File Size   409.47 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7128B Datasheet (PDF) - ON Semiconductor



Similar Part No. - EN7128B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7129C ONSEMI-EN7129C Datasheet
408Kb / 7P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
More results


Similar Description - EN7128B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com