Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A5005 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE15A5005
Description  50 Ohm Input and Output Matched
File Size   515.08 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5005 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE15A5005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5001 PASTERNACK-PE15A5001 Datasheet
476Kb / 6P
High Power High Gain Amplifier, SMA
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
Power High Gain Amplifier, 4 dB NF, SMA
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5006 PASTERNACK-PE15A5006 Datasheet
525Kb / 6P
50 Ohm Input and Output Matched
More results


Similar Description - PE15A5005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3901 PASTERNACK-PE15A3901 Datasheet
428Kb / 6P
50 Ohm Input and Output Matched
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
50 Ohm Input and Output Matched
PE15A3021 PASTERNACK-PE15A3021 Datasheet
499Kb / 4P
50 Ohm Input and Output Matched
PE15A3258 PASTERNACK-PE15A3258 Datasheet
590Kb / 5P
50 Ohm Input and Output Matched
PE15A4011 PASTERNACK-PE15A4011 Datasheet
502Kb / 5P
50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
50 Ohm Input and Output Matched
PE15A5006 PASTERNACK-PE15A5006 Datasheet
525Kb / 6P
50 Ohm Input and Output Matched
PE15A5008 PASTERNACK-PE15A5008 Datasheet
487Kb / 6P
50 Ohm Input and Output Matched
PE15A5009 PASTERNACK-PE15A5009 Datasheet
512Kb / 5P
50 Ohm Input and Output Matched
logo
Marki Microwave
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
Matched 50 Ohm Impedance on Input and Output Ports
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com