Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F25L02PA Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

Part # F25L02PA
Description  Single supply voltage 2.7~3.6V
File Size   441.44 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L02PA Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.



Similar Part No. - F25L02PA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
422Kb / 30P
3V Only 4 Mbit Serial Flash Memory
F25L004A-100DG ESMT-F25L004A-100DG Datasheet
379Kb / 32P
4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-100DG ESMT-F25L004A-100DG Datasheet
422Kb / 30P
3V Only 4 Mbit Serial Flash Memory
F25L004A-100DIG ESMT-F25L004A-100DIG Datasheet
565Kb / 33P
3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
More results


Similar Description - F25L02PA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
Single supply voltage 2.7~3.6V
F25L04PA ESMT-F25L04PA Datasheet
341Kb / 34P
Single supply voltage 2.3~3.6V
F25L08QA-2S ESMT-F25L08QA-2S Datasheet
361Kb / 43P
Single supply voltage 2.7~3.6V
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
Single supply voltage 2.7~3.6V
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
Single supply voltage 2.65~3.6V
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
Voltage Supply: 2.6V ~ 3.6V
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
Voltage Supply: 3.3V (2.7V~3.6V)
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
Voltage Supply: 3.3V (2.7V ~ 3.6V)
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com