Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6408 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6408
Description  6 to 18 GHz 1 W Power Amplifier
File Size   376.52 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6408 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - AMMP-6408_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408-BLKG AVAGO-AMMP-6408-BLKG Datasheet
524Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
AMMP-6408-BLKG AVAGO-AMMP-6408-BLKG Datasheet
623Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
AMMP-6408-BLKG AVAGO-AMMP-6408-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6408-BLKG BOARDCOM-AMMP-6408-BLKG Datasheet
623Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408-TR1G AVAGO-AMMP-6408-TR1G Datasheet
524Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
More results


Similar Description - AMMP-6408_15

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
logo
Tyco Electronics
MAAP-000080-DIE000 MACOM-MAAP-000080-DIE000 Datasheet
330Kb / 7P
Amplifier, Power, 1 W 2-18 GHz
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
Amplifier, Power, 1 W 2-18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408 Datasheet
524Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
AMMP-6408 AVAGO-AMMP-6408_08 Datasheet
623Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA2621 TRIQUINT-TGA2621_15 Datasheet
474Kb / 13P
16 to 18 GHz 1 W GaAs Power Amplifier
logo
Broadcom Corporation.
AMMP-6408 BOARDCOM-AMMP-6408 Datasheet
623Kb / 12P
6 to 18 GHz 1 W Power Amplifier in SMT Package
logo
Qorvo, Inc
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com