Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25SH-B-XX-MTS Datasheet (PDF) - Adam Technologies, Inc.

Part # 25SH-B-XX-MTS
Description  WIRE TO BOARD PITCH
File Size   79.63 Kbytes
Html View  1 
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

25SH-B-XX-MTS Datasheet (PDF) - Adam Technologies, Inc.



Similar Part No. - 25SH-B-XX-MTS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
25SH-B-XX-TR ADAM-TECH-25SH-B-XX-TR Datasheet
115Kb / 1P
HEADER & HOUSING SYSTEMS 2.5mm Type B & C
25SH-B-XX-TS ADAM-TECH-25SH-B-XX-TS Datasheet
115Kb / 1P
HEADER & HOUSING SYSTEMS 2.5mm Type B & C
More results


Similar Description - 25SH-B-XX-MTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
4-1734598-5 MACOM-4-1734598-5 Datasheet
153Kb / 4P
Wire To Board Serial, Pitch 1.25mm
logo
Adam Technologies, Inc.
DME-XX-S-SQ ADAM-TECH-DME-XX-S-SQ Datasheet
98Kb / 1P
WIRE TO BOARD FEMALE 6.35MM PITCH
MTWD-XX-NP ADAM-TECH-MTWD-XX-NP Datasheet
77Kb / 1P
WIRE TO BOARD FEMALE PITCH
125SH-D-XX-TR-SMT ADAM-TECH-125SH-D-XX-TR-SMT Datasheet
84Kb / 1P
PITCH WIRE TO BOARD HEADER
logo
JST Mfg. Co., Ltd.
TCUD JST-TCUD Datasheet
340Kb / 3P
Board-to-wire
ATLC JST-ATLC Datasheet
125Kb / 2P
Board to wire
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com