Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3448M Datasheet (PDF) - International Rectifier

Part # IR3448M
Description  Single 5V to 21V application
File Size   3293.56 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3448M Datasheet (PDF) - International Rectifier



Similar Part No. - IR3448M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3448MPBF IRF-IR3448MPBF Datasheet
2Mb / 49P
16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448MTR1PBF IRF-IR3448MTR1PBF Datasheet
2Mb / 49P
16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448MTRPBF IRF-IR3448MTRPBF Datasheet
2Mb / 49P
16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3448MTRPBF INFINEON-IR3448MTRPBF Datasheet
2Mb / 51P
16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
More results


Similar Description - IR3448M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3447M IRF-IR3447M_15 Datasheet
1Mb / 51P
Single 5V to 21V application
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
Single input voltage range from 5V to 21V
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
Single input voltage range from 5V to 21V
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
logo
Maxim Integrated Produc...
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
5V Output-Voltage Application
Rev 0; 12/20
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
5V Output-Voltage Application
Rev 0; 1/14
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
5V Output-Voltage Application
Rev 0; 11/17
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
5V Output-Voltage Application
Rev 0; 5/19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com