Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POW-1212 Datasheet (PDF) - Level One

Part # POW-1212
Description  36W 12VDC Industrial Power Adapter, Open -40 to 75C
File Size   208.98 Kbytes
Html View  1 
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-1212 Datasheet (PDF) - Level One



Similar Part No. - POW-1212

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
POW-1644L-B-LW100-R PUIAUDIO-POW-1644L-B-LW100-R Datasheet
257Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
POW-1644L-B-R PUI-POW-1644L-B-R Datasheet
168Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
POW-1644L-B-R PUIAUDIO-POW-1644L-B-R Datasheet
340Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
POW-1644L-LWC50-B-R PUI-POW-1644L-LWC50-B-R Datasheet
189Kb / 1P
Microphone
logo
PUI audio inc.
POW-1644L-LWC50-B-R PUIAUDIO-POW-1644L-LWC50-B-R Datasheet
422Kb / 3P
7.1mm overall diameter and 2.6mm height
More results


Similar Description - POW-1212

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-1203 VOLGEN-STD-1203 Datasheet
103Kb / 2P
ADAPTER - 36W / 48W/ 60W
logo
MORNSUN Science& Techno...
MY03609DA MORNSUN-MY03609DA Datasheet
321Kb / 4P
36W AC/DC Adapter
MG03609HA MORNSUN-MG03609HA Datasheet
335Kb / 4P
36W AC/DC Adapter
MI03609HA MORNSUN-MI03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
MA03609HA MORNSUN-MA03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
MC03609HA MORNSUN-MC03609HA Datasheet
306Kb / 4P
36W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TRE36 CINCON-TRE36 Datasheet
265Kb / 2P
36W SWITCHING ADAPTER
TRG36 CINCON-TRG36 Datasheet
355Kb / 2P
36W SWITCHING ADAPTER
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com