Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3823M Datasheet (PDF) - International Rectifier

Part # IR3823M
Description  Single input voltage range from 5V to 21V
File Size   2967.66 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3823M Datasheet (PDF) - International Rectifier



Similar Part No. - IR3823M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3823MTR1PBF IRF-IR3823MTR1PBF Datasheet
3Mb / 41P
3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823MTRPBF IRF-IR3823MTRPBF Datasheet
3Mb / 41P
3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results


Similar Description - IR3823M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3447M IRF-IR3447M_15 Datasheet
1Mb / 51P
Single 5V to 21V application
IR3448M IRF-IR3448M_15 Datasheet
3Mb / 50P
Single 5V to 21V application
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
Single input voltage range from 5V to 21V
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Maxim Integrated Produc...
MAX25610 MAXIM-MAX25610 Datasheet
496Kb / 10P
5V to 18V Input Voltage Range
Rev 0; 4/19
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com