Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THR-XX Datasheet (PDF) - Adam Technologies, Inc.

Part # THR-XX
Description  PITCH PLUGABLE TERMINAL HEADER
File Size   115.04 Kbytes
Html View  1 
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

THR-XX Datasheet (PDF) - Adam Technologies, Inc.



Similar Part No. - THR-XX

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
THR-10261-XX MACROMATIC-THR-10261-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10261-XXJ MACROMATIC-THR-10261-XXJ Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10262-XX MACROMATIC-THR-10262-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10262-XXJ MACROMATIC-THR-10262-XXJ Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10266-XX MACROMATIC-THR-10266-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - THR-XX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
C-1776099 MACOM-C-1776099 Datasheet
48Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-282832 MACOM-C-282832 Datasheet
103Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
logo
Samtec, Inc
IPBT-104-H1-T-S SAMTEC-IPBT-104-H1-T-S Datasheet
714Kb / 1P
ISOLATED TERMINAL POWER HEADER
logo
WECO ELECTRICAL CONNECT...
970-FBW-FU-DS WECO-970-FBW-FU-DS Datasheet
72Kb / 1P
Plug connector Screw connection, plugable from the bottom, with supporting ribs
11.17
970-FBW WECO-970-FBW Datasheet
64Kb / 1P
Plug connector Screw connection, plugable from the bottom
11.17
971-FBS WECO-971-FBS Datasheet
99Kb / 1P
Plug connector Screw connection, plugable from backside
12.17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com