Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2940 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

Part # BL2940
Description  Output cur rent in exces s of 1A
File Size   724.45 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2940 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.



Similar Part No. - BL2940

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
More results


Similar Description - BL2940

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
1N4942 TAYCHIPST-1N4942 Datasheet
630Kb / 2P
VOLTAGE RANGE 200 TO 1000 VOLTS CUR RENT 1.0 AMPERE
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J_13 Datasheet
938Kb / 28P
Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3AR4780VJZ INFINEON-ICE3AR4780VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler with integrated 800V
V2.1 2013-10-22
ICE3AR2280VJZ INFINEON-ICE3AR2280VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
ICE3AR1580VJZ INFINEON-ICE3AR1580VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR1080VJZ INFINEON-ICE3AR1080VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR0680VJZ INFINEON-ICE3AR0680VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
ICE3AR0680JZ INFINEON-ICE3AR0680JZ Datasheet
2Mb / 34P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
Version 2.1a, 11 Jan 2012
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com