Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-5000S35 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # GP-5000S35
Description  High thermal conductivity: 5.0 W/m-K
File Size   505.61 Kbytes
Html View  1   2 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP-5000S35 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - GP-5000S35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
Designed for high durability applications
GP-1000SF ETC2-GP-1000SF Datasheet
364Kb / 2P
No silicone outgassing
logo
ATGBICS by Approved Tec...
GP-10GSFP-1L-C ATGBICS-GP-10GSFP-1L-C Datasheet
366Kb / 10P
GP-10GSFP-1L Dell Force10 Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
GP-10GSFP-1S-C ATGBICS-GP-10GSFP-1S-C Datasheet
375Kb / 10P
GP-10GSFP-1S Dell Force10 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
GP-10GSFP-T-C ATGBICS-GP-10GSFP-T-C Datasheet
222Kb / 6P
GP-10GSFP-T Dell Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
More results


Similar Description - GP-5000S35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
GP-A3000 ETC2-GP-A3000 Datasheet
480Kb / 2P
Thermal conductivity: 2.6 W/m-K
GP-EMI1.0 ETC2-GP-EMI1.0 Datasheet
589Kb / 2P
Thermal Conductivity: 1.0 W/m-K
GP-HC3.0 ETC2-GP-HC3.0 Datasheet
441Kb / 2P
Thermal Conductivity: 3.0 W/m-K
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
GP-VO ETC2-GP-VO Datasheet
439Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOSOFT ETC2-GP-VOSOFT Datasheet
475Kb / 2P
Thermal conductivity: 0.8 W/m-K
SP-2000 ETC2-SP-2000 Datasheet
398Kb / 2P
High thermal conductivity: 3.5 W/m-K
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com