Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91009 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE91009
Description  Precision SMA Female to 2.92mm Male Adapter
File Size   245.24 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91009 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE91009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9100 PASTERNACK-PE9100 Datasheet
799Kb / 2P
TNC Male to TNC Female Right Angle Adapter
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
ADAPTER; 50 OHM SMA FEMALE TO F MALE
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
50 Ohm SMA Female to 75 Ohm F Female Adapter
PE91003 PASTERNACK-PE91003 Datasheet
237Kb / 2P
50 Ohm SMA Male to 75 Ohm F Female Adapter
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
More results


Similar Description - PE91009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
Precision 2.92mm Female to 2.4mm Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9768 PASTERNACK-PE9768 Datasheet
255Kb / 3P
Precision 2.92mm Female to SSMA Male Adapter
PE91008 PASTERNACK-PE91008 Datasheet
247Kb / 3P
Precision SMA Male to 2.92mm Female Adapter
PE91010 PASTERNACK-PE91010 Datasheet
245Kb / 3P
Precision SMA Male to 2.92mm Male Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com