Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301480106 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301480106
Description  Safeway Duplex Receptacle, Spec Grade, 2 Pole/3 Wire, NEMA 6-20, 250V
File Size   40.73 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301480106 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301480106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301480100 MOLEX11-1301480100 Datasheet
31Kb / 1P
Safeway Duplex Heavy Duty Grade Corrosion-Resistant Receptacle, 2 Pole/3 Wire,
1301480102 MOLEX11-1301480102 Datasheet
40Kb / 1P
Safeway Duplex Heavy Duty Grade Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V,
More results


Similar Description - 1301480106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0063 MOLEX11-130144-0063 Datasheet
42Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
130149-0013 MOLEX11-130149-0013 Datasheet
48Kb / 1P
Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 6-20, 250V
1301440061 MOLEX11-1301440061 Datasheet
34Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301480075 MOLEX11-1301480075 Datasheet
31Kb / 1P
Safeway Duplex Spec - Grade Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V, Brown
1301480076 MOLEX11-1301480076 Datasheet
31Kb / 1P
Safeway Duplex Spec - Grade Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V, Black
1301480090 MOLEX11-1301480090 Datasheet
51Kb / 1P
Safeway Duplex Spec-Grade Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V
1301480091 MOLEX11-1301480091 Datasheet
40Kb / 1P
Safeway Duplex Spec-Grade, Extra Hard Outdoor Receptacle, 2 Pole/3 Wire, NEMA
1301480093 MOLEX11-1301480093 Datasheet
51Kb / 1P
Safeway Duplex Spec-Grade, Extra Hard Outdoor Receptacle, 2 Pole/3 Wire, NEMA
1301480113 MOLEX11-1301480113 Datasheet
53Kb / 1P
Safeway Duplex Spec Hospital Grade Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
1301490013 MOLEX11-1301490013 Datasheet
40Kb / 1P
Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 6-20, 250V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com