Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV890131 Datasheet (PDF) - ON Semiconductor

Part # NCV890131
Description  1.2 A, 2 MHz Automotive Buck Switching Regulator
File Size   157.39 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890131 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NCV890131

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890130PDR2G ONSEMI-NCV890130PDR2G Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
More results


Similar Description - NCV890131

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
NCV890231 ONSEMI-NCV890231 Datasheet
157Kb / 19P
2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com