Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-FA72SA50LC Datasheet (PDF) - Vishay Siliconix

Part # VS-FA72SA50LC
Description  Power MOSFET, 72 A
File Size   300.4 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-FA72SA50LC Datasheet (PDF) - Vishay Siliconix



Similar Part No. - VS-FA72SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_V01 Datasheet
236Kb / 10P
Power MOSFET, 72 A
02-Oct-2018
More results


Similar Description - VS-FA72SA50LC_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC Datasheet
332Kb / 10P
Power MOSFET, 72 A
13-Aug-13
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
logo
ON Semiconductor
NTTFS080N10G ONSEMI-NTTFS080N10G Datasheet
203Kb / 7P
MOSFET - Power, Single N-Channel, 8FL 100 V, 72 m, 16 A
July, 2021 ??Rev. 0
NVB072N65S3 ONSEMI-NVB072N65S3 Datasheet
227Kb / 8P
MOSFET - Power, N-Channel, Automotive SUPERFET III, Easy-Drive 650 V, 72 m, 44 A
September, 2021 ??Rev. 5
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_V01 Datasheet
236Kb / 10P
Power MOSFET, 72 A
02-Oct-2018
logo
STMicroelectronics
STW75N60M6-4 STMICROELECTRONICS-STW75N60M6-4 Datasheet
513Kb / 12P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO247-4 package
07-Dec-2018
STW75N60M6 STMICROELECTRONICS-STW75N60M6 Datasheet
539Kb / 13P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO‑247 package
22-Nov-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com