| Manufacturer | Part # | Datasheet | Description |
 RICOH electronics devic... |
R1154N001C
|
846Kb / 23P |
150mA Voltage Regulator (Wide Input Voltage Range)
|
 ON Semiconductor |
NCP4629
|
118Kb / 6P |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1 |
|
NCP4629
|
801Kb / 15P |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0 |
|
NCP4624
|
1Mb / 18P |
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0 |
|
NCP785A
|
109Kb / 10P |
Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2 |
|
NCP785B
|
132Kb / 8P |
Wide Input Voltage Range PSRR Linear Regulator
February, 2014 ??Rev. P0 |
|
NCP786L
|
93Kb / 7P |
Wide Input Voltage Range 5mA Ultra-Low Iq, High PSRR Linear Regulator with Adjustable Output Voltage
March, 2016 ??Rev. 0 |
|
NCP4641
|
339Kb / 14P |
Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1 |
|
NCP786A
|
107Kb / 7P |
Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1 |
 Renesas Technology Corp |
RAA214250
|
1Mb / 36P |
500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021 |