Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JX080 Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JX080
Description  Sensitive gate SCRs
File Size   319.93 Kbytes
Html View  1   2   3   4   5 
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JX080 Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd



Similar Part No. - JX080

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JX00-0027NL PULSE-JX00-0027NL Datasheet
624Kb / 4P
CONN,RJ45,1X1,100D,1:1,TU
JX00-0112NL PULSE-JX00-0112NL Datasheet
976Kb / 2P
LAN Product Guide - Servers
JX0011D21BNL PULSE-JX0011D21BNL Datasheet
255Kb / 2P
Extended Temperature products for Industrial Applications
JX0011D21BNL PULSE-JX0011D21BNL Datasheet
255Kb / 2P
Extended Temperature products for Industrial Applications
JX0011D21NL PULSE-JX0011D21NL Datasheet
255Kb / 2P
Extended Temperature products for Industrial Applications
More results


Similar Description - JX080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
SENSITIVE GATE 0.8A SCRs
Jan-2002
logo
Nell Semiconductor Co.,...
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
Sensitive gate SCRs, 1A
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
Sensitive gate SCRs
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
Sensitive gate SCRs
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
Sensitive gate SCRs
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
Sensitive gate SCRs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com