Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230 Datasheet (PDF) - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
File Size   726.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet (PDF) - Analog Devices



Similar Part No. - ADP2230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP223 AD-ADP223 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP223ACPZ-R7 AD-ADP223ACPZ-R7 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP223CP-EVALZ AD-ADP223CP-EVALZ Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
More results


Similar Description - ADP2230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
October 21, 2010
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 24, 2011
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 24, 2011
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
ON Semiconductor
NCV891930 ONSEMI-NCV891930 Datasheet
444Kb / 33P
Low Quiescent Current 2 MHz Automotive Synchronous Buck Controller
May, 2020 ??Rev. 4
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com