Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2196A Datasheet (PDF) - Linear Dimensions Semiconductor

Part # DC2196A
Description  8-Channel 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
File Size   335.1 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

DC2196A Datasheet (PDF) - Linear Dimensions Semiconductor



Similar Part No. - DC2196A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC21 SCHURTER-DC21 Datasheet
278Kb / 3P
IEC Connector C15 for hot conditions, Rewireable, Angled
DC21 SCHURTER-DC21 Datasheet
415Kb / 4P
IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21 Datasheet
425Kb / 4P
IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21 Datasheet
428Kb / 4P
IEC Appliance Inlet C14 with Line Switch 2-pole
08.12.2021
More results


Similar Description - DC2196A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2668 LINER-LTC2668_15 Datasheet
594Kb / 28P
16-Channel 16-/12-Bit 10V VOUT SoftSpan DACs with 10ppm/C Max Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2664 LINER-LTC2664 Datasheet
1Mb / 28P
Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2668 LINER-LTC2668 Datasheet
594Kb / 28P
16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com