Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOVT-SAR Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

Part # OCXOVT-SAR
Description  Cospas Sarsat compliant
File Size   795.18 Kbytes
Html View  1   2 
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXOVT-SAR Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND



Similar Part No. - OCXOVT-SAR

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OCXOVT-S GOLLEDGE-OCXOVT-S Datasheet
540Kb / 4P
5V OCXO Sine Output Cospas-Sarsat
More results


Similar Description - OCXOVT-SAR

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF Datasheet
268Kb / 9P
RoHS Compliant
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2412TZ AVAGO-HFBR-2412TZ Datasheet
315Kb / 25P
RoHS Compliant
logo
Assmann Electronics Inc...
A-PC2304-050021-1 ASSMANN-A-PC2304-050021-1 Datasheet
1Mb / 1P
Rohs Compliant
logo
QUARTZCOM the communica...
QSF406A4-38 QUARTZCOM-QSF406A4-38 Datasheet
208Kb / 1P
406 MHz SMD RF-SAW filter COSPAS-SARSAT emergency beacon Class 1 & 2
TX7-503CM-SQ-COSA QUARTZCOM-TX7-503CM-SQ-COSA Datasheet
186Kb / 2P
Analogue Temperature Compensated Xtal Oscillator COSPAS SARSAT compliant CMOS TCXO
logo
Advanced XTAL Products
AXLE7050CS AXTAL-AXLE7050CS Datasheet
151Kb / 3P
High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
logo
Golledge Electronics Lt...
OCXOVT-S GOLLEDGE-OCXOVT-S Datasheet
540Kb / 4P
5V OCXO Sine Output Cospas-Sarsat
logo
Shanghai Leiditech Elec...
LPPM LEIDITECH-LPPM Datasheet
1Mb / 10P
RoHS Compliant Halogen Free REACH Compliant
logo
Transko Electronics, In...
TXCS TRANSKO-TXCS Datasheet
520Kb / 1P
COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
Rev. 2: Jan. 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com