Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKPRAAE010 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

Part # SKPRAAE010
Description  High Operation Force, Low Contact Resistance (Surface Mount Type)
File Size   935.45 Kbytes
Html View  1   2   3 
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPRAAE010 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.



Similar Part No. - SKPRAAE010

ManufacturerPart #DatasheetDescription
logo
Eravant
SKP-0631830536-SFSF-A1 ERAVANT-SKP-0631830536-SFSF-A1 Datasheet
561Kb / 3P
Analog Controlled Phase Shifter, 6 to 18 GHz
Rev. 1.0
SKP-0631830936-SFSF-D1 ERAVANT-SKP-0631830936-SFSF-D1 Datasheet
640Kb / 3P
Digitally Controlled Phase Shifter, 6 to 18 GHz
Rev. 1.0
SKP-8521030936-SFSF-D1 ERAVANT-SKP-8521030936-SFSF-D1 Datasheet
339Kb / 3P
Digitally Controlled Phase Shifter, 8.5 to 10.5 GHz
Rev. 1.1
logo
PATLITE CORPORATION.
SKP-M1J-B PATLITE-SKP-M1J-B Datasheet
976Kb / 3P
Rotating Beacons
Rev. H
SKP-M1J-G PATLITE-SKP-M1J-G Datasheet
976Kb / 3P
Rotating Beacons
Rev. H
More results


Similar Description - SKPRAAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SKPF ALPS-SKPF Datasheet
182Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPM ALPS-SKPM Datasheet
194Kb / 3P
Low Contact Resistance (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
Long-travel with Low Contact Resistance (Surface Mount Type)
SKRP ALPS-SKRP Datasheet
171Kb / 3P
4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
High Contact Force Provides Stable Electrical and Mechanical Operation
logo
ALPS ELECTRIC CO.,LTD.
SKPF ALPS-SKPF_15 Datasheet
833Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG_15 Datasheet
869Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPM ALPS-SKPM_15 Datasheet
847Kb / 3P
Low Contact Resistance (Surface Mount Type)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com