Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKST Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

Part # SKST
Description  Quiet Type with 0.9mm Stroke (Surface Mount Type)
File Size   918.31 Kbytes
Html View  1   2   3 
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKST Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.



Similar Part No. - SKST

ManufacturerPart #DatasheetDescription
logo
Eravant
SKS-0522734060-SFSF-A3 ERAVANT-SKS-0522734060-SFSF-A3 Datasheet
244Kb / 2P
SPST PIN Switch with TTL Driver, 0.5 to 27.0 GHz, Absorptive
SKS-0525035050-2F2F-A3 ERAVANT-SKS-0525035050-2F2F-A3 Datasheet
252Kb / 2P
SPST PIN Switch with TTL Driver, 0.5 to 50 GHz, Absorptive
SKS-0525035050-2F2F-AA ERAVANT-SKS-0525035050-2F2F-AA Datasheet
391Kb / 3P
SPST PIN Switch with TTL Driver, Absorptive, 0.5 to 50 GHz
Rev 1.0
SKS-1141445020-0606-A1-M ERAVANT-SKS-1141445020-0606-A1-M Datasheet
299Kb / 3P
SPST Absorptive Switch with TTL Driver, 110 to 145 GHz
Rev 1.0
SKS-1141743030-0606-R1-M ERAVANT-SKS-1141743030-0606-R1-M Datasheet
248Kb / 2P
SPST Reflective Switch with TTL Driver, 90 to 140 GHz
Rev 1.0
More results


Similar Description - SKST

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
Surface Mount Type
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
Surface Mount Type
logo
ALPS ELECTRIC CO.,LTD.
SKSF ALPS-SKSF Datasheet
674Kb / 3P
Compact Type with Projection (Surface Mount Type)
SKSU ALPS-SKSU Datasheet
1Mb / 3P
Quiet Middle-stroke (Surface Mount Type)
SSAH ALPS-SSAH_15 Datasheet
919Kb / 4P
Low-profile type with 0.9mm in height
logo
Panasonic Semiconductor
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
Surface Mount Type
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com