Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL240 Datasheet (PDF) - XP Power Limited

Part # DSL240
Description  Ultra Slim Design
File Size   193.06 Kbytes
Html View  1   2 
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSL240 Datasheet (PDF) - XP Power Limited



Similar Part No. - DSL240

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DSL24W YFWDIODE-DSL24W Datasheet
461Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results


Similar Description - DSL240

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
Ultra slim and compact design
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
Ultra slim design: thickness 52mm
GOT-5152T-830 AXIOMTEK-GOT-5152T-830 Datasheet
344Kb / 2P
Ultra slim design: thickness 54.6mm
GOT-5840T-830 AXIOMTEK-GOT-5840T-830 Datasheet
375Kb / 2P
Ultra Slim design: thickness 45mm
MPC102-832 AXIOMTEK-MPC102-832 Datasheet
423Kb / 2P
Ultra slim design - thickness 45.8 mm
logo
Mean Well Enterprises C...
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
logo
A-Data Technology
HC660 A-DATA-HC660 Datasheet
403Kb / 2P
Ultra-slim design at just 9.6mm
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
Slim profile design
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com