Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U280-001-C2 Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # U280-001-C2
Description  USB Tablet / Phone Car Charger, 5V 2.4A / 12W
File Size   506.81 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U280-001-C2 Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - U280-001-C2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
U280-004 TRIPPLITE-U280-004 Datasheet
495Kb / 2P
4-Port USB Charging Station, 5V 6A/30W USB Charger Output
U280-004-OTG TRIPPLITE-U280-004-OTG Datasheet
509Kb / 2P
4-Port USB Charging Station with OTG Hub - 5V 6A / 30W USB Charger Output
U280-004-UK TRIPPLITE-U280-004-UK Datasheet
490Kb / 2P
4-Port USB Charging Station, 5V 6A/30W USB Charger Output, UK Version
U280-004-WS3C1 TRIPPLITE-U280-004-WS3C1 Datasheet
171Kb / 3P
4-Port USB Charging Station with USB-C Charging and USB-A Auto-Sensing Ports
More results


Similar Description - U280-001-C2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
U280-C02-S2 TRIPPLITE-U280-C02-S2 Datasheet
162Kb / 2P
Dual-Port USB Car Charger for Tablets and Cell Phones, 5V 4.8A (24W)
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-39W-1B TRIPPLITE-U280-C02-39W-1B Datasheet
182Kb / 3P
Dual-Port USB Car Charger with 39W Charging - USB-C (27W) PD 3.0, USB-A (12W), Black
logo
Coolgear Inc.
U2CHGRHUB10 COOLGEAR-U2CHGRHUB10 Datasheet
121Kb / 3P
10 Port Hi-Power 2.4A USB Charger Hub
USBG-6PTC-B1 COOLGEAR-USBG-6PTC-B1 Datasheet
303Kb / 2P
6 Port USB AC Charger 2.4A with Exchangeable Plugs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com