Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B119-002-UHD Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # B119-002-UHD
Description  2-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/2xF) with Remote Control
File Size   493.93 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B119-002-UHD Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - B119-002-UHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B119-003-UHD TRIPPLITE-B119-003-UHD Datasheet
161Kb / 4P
3-Port HDMI Switch with Remote Control - 4K x 2K @ 60 Hz (F/3xF)
B119-003-UHD-MN TRIPPLITE-B119-003-UHD-MN Datasheet
168Kb / 3P
3-Port HDMI Mini Switch for Video and Audio, 4K x 2K UHD @ 30 Hz (HDMI F/3xF) with Remote Control
B119-004-UHD TRIPPLITE-B119-004-UHD Datasheet
490Kb / 2P
4-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/4xF) with Remote Control
B119-005-UHD TRIPPLITE-B119-005-UHD Datasheet
164Kb / 4P
5-Port HDMI Switch with Remote Control - 4K x 2K @ 60 Hz (HDMI F/5xF), 3D, HDMI 2.0, HDCP 2.2, EDID
More results


Similar Description - B119-002-UHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B118002 TRIPPLITE-B118002 Datasheet
493Kb / 2P
2-Port HDMI Splitter for Video with Audio 1920x1200 at 60Hz-1080p (HDMI F-2xF)
B1190031 TRIPPLITE-B1190031 Datasheet
493Kb / 2P
3-Port HDMI Switch for Video and Audio, 1920x1200 at 60Hz-1080p (HDMI F-3xF) with Remote Control
B119-004-UHD TRIPPLITE-B119-004-UHD Datasheet
490Kb / 2P
4-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/4xF) with Remote Control
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
HDMI 4K x 2K UHD Upscaler
B118-002-UHD-2 TRIPPLITE-B118-002-UHD-2 Datasheet
170Kb / 3P
2-Port 4K 3D HDMI Splitter, HDMI 2.0, HDCP 2.2, Ultra HD 4K x 2K Audio/Video, 3840 x 2160 @ 60 Hz, TAA
B119-003-UHD TRIPPLITE-B119-003-UHD Datasheet
161Kb / 4P
3-Port HDMI Switch with Remote Control - 4K x 2K @ 60 Hz (F/3xF)
B119-003-UHD-MN TRIPPLITE-B119-003-UHD-MN Datasheet
168Kb / 3P
3-Port HDMI Mini Switch for Video and Audio, 4K x 2K UHD @ 30 Hz (HDMI F/3xF) with Remote Control
B119-005-UHD TRIPPLITE-B119-005-UHD Datasheet
164Kb / 4P
5-Port HDMI Switch with Remote Control - 4K x 2K @ 60 Hz (HDMI F/5xF), 3D, HDMI 2.0, HDCP 2.2, EDID
P130-06N-AUDIO TRIPPLITE-P130-06N-AUDIO Datasheet
171Kb / 3P
UHD 4K x 2K @ 30 Hz HDMI Audio De-Embedder/Extractor with Built-In HDMI Cable
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com