Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8038 Datasheet (PDF) - Analog Devices

Part # HMC8038
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
File Size   407.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038 Datasheet (PDF) - Analog Devices



Similar Part No. - HMC8038

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC802ALP3E AD-HMC802ALP3E Datasheet
532Kb / 6P
20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
4/2020-Rev. A to Rev. B
More results


Similar Description - HMC8038

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
0.1-6.0 GHz GaAs SPDT Switch
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
0.1 to 6.0 GHz SPDT Switch
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
SKYA21013 SKYWORKS-SKYA21013 Datasheet
616Kb / 9P
0.1 to 6.0 GHz SPDT Switch
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
0.1 GHz ??6.0 GHz SPDT Switch
logo
Analog Devices
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com