Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-030D-SMT Datasheet (PDF) - CUI INC

Part # PJ-030D-SMT
Description  1.3mm SURFACE MOUNT POWER JACK
File Size   87.33 Kbytes
Html View  1 
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-030D-SMT Datasheet (PDF) - CUI INC



Similar Part No. - PJ-030D-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-030D CUI-PJ-030D Datasheet
281Kb / 3P
DC POWER JACK
PJ-030DH CUI-PJ-030DH Datasheet
283Kb / 3P
DC POWER JACK
PJ-030DH-SMT CUI-PJ-030DH-SMT Datasheet
209Kb / 3P
DC POWER JACK
PJ-030DH-SMT-TR CUI-PJ-030DH-SMT-TR Datasheet
309Kb / 4P
DC POWER JACK
logo
CUI Devices
PJ-030DH-SMT-TR CUID-PJ-030DH-SMT-TR Datasheet
1Mb / 4P
DC POWER JACK
03/20/2023
More results


Similar Description - PJ-030D-SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMT11D20C1 ETC2-FMT11D20C1 Datasheet
32Kb / 1P
1.3mm /1.1mm Ceramic Surface Mount Crystals
logo
Caliber Electronics Inc...
FA20C1 CALIBER-FA20C1 Datasheet
37Kb / 1P
1.3mm /1.1mm Ceramic Surface Mount Crystals
logo
Switchcraft, Inc.
RAPC732 SWITCH-RAPC732 Datasheet
106Kb / 1P
POWER JACK, PC MOUNT 0.05 [1.3mm] PIN
RASH732 SWITCH-RASH732 Datasheet
140Kb / 2P
POWER JACK, HYBRID MOUNT 0.05 [1.3mm] PIN
RASH732P SWITCH-RASH732P Datasheet
145Kb / 2P
POWER JACK, HYBRID MOUNT 0.05 [1.3mm] PIN
RASM732 SWITCH-RASM732 Datasheet
96Kb / 1P
POWER JACK, SURFACE MOUNT 0.05 [1.3mm] PIN
RASM732P SWITCH-RASM732P Datasheet
101Kb / 1P
POWER JACK, SURFACE MOUNT 0.05 [1.3mm] PIN
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
CUI INC
PJ-002B-SMT CUI-PJ-002B-SMT Datasheet
264Kb / 1P
2.5mm SURFACE MOUNT POWER JACK
logo
LUMEX INC.
SML-LXT0805SIUGUBW LUMEX-SML-LXT0805SIUGUBW Datasheet
107Kb / 2P
2.0mm X 1.3mm PCB SURFACE MOUNT
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com