Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD8E Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 3DD8E
Description  Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
File Size   190.41 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3DD8E Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 3DD8E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3DD880 ISC-3DD880 Datasheet
298Kb / 2P
isc Silicon NPN Power Transistors
3DD8A ISC-3DD8A Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 30V(Min)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
3DD8C ISC-3DD8C Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 80V(Min)
3DD8D ISC-3DD8D Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 110V(Min)
More results


Similar Description - 3DD8E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA651 ISC-2SA651 Datasheet
69Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.)
2SA843 ISC-2SA843 Datasheet
108Kb / 2P
쨌Collector-Emitter Breakdown Voltage : V(BR)CEO= -150V(Min)
3DD101A ISC-3DD101A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD101B ISC-3DD101B Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD15C ISC-3DD15C Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD325 ISC-3DD325 Datasheet
195Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
3DD7C ISC-3DD7C Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
BUY55 ISC-BUY55 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 125V(Min.)
BUY77 ISC-BUY77 Datasheet
194Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO = 250V(Min.)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com