Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1650 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 2SK1650
Description  Drain Current ?밒D=4A@ TC=25C
File Size   67.08 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1650 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 2SK1650

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1652 ISC-2SK1652 Datasheet
69Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1653 ISC-2SK1653 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
2SK1656 NEC-2SK1656 Datasheet
1Mb / 6P
N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1656 RENESAS-2SK1656 Datasheet
562Kb / 9P
MOS FIELD F! FECT TRANSISTOR
1991
logo
NEC
2SK1657 NEC-2SK1657 Datasheet
359Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
More results


Similar Description - 2SK1650

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK996 ISC-2SK996 Datasheet
67Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1171 ISC-2SK1171 Datasheet
68Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1224 ISC-2SK1224 Datasheet
69Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1547 ISC-2SK1547 Datasheet
61Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1639 ISC-2SK1639 Datasheet
64Kb / 2P
Drain Current ?밒D= 4A@ TC=25C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com