Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1030A Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 1030A
Description  16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
File Size   104.47 Kbytes
Html View  1   2   3 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1030A Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 1030A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-0061000 BELDEN-1030A-0061000 Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-00610000 BELDEN-1030A-00610000 Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-0065000 BELDEN-1030A-0065000 Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-0101000 BELDEN-1030A-0101000 Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
More results


Similar Description - 1030A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346634 ETC2-1346634 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1347101 ETC2-1347101 Datasheet
98Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
28396 ETC2-28396 Datasheet
32Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28399 ETC2-28399 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
28423 ETC2-28423 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28431 ETC2-28431 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
9842 ETC2-9842 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9841 ETC2-9841 Datasheet
30Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1421A ETC2-1421A Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com