Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB08-600CW Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # BTB08-600CW
Description  With TO-220AB non insulated package
File Size   107.32 Kbytes
Html View  1 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB08-600CW Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - BTB08-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-600CW STMICROELECTRONICS-BTB08-600CW Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
Kersemi Electronic Co.,...
BTB08-600CW KERSEMI-BTB08-600CW Datasheet
817Kb / 4P
SENSITIVE GATE TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
logo
Shenzhen Luguang Electr...
BTB08-600CW LUGUANG-BTB08-600CW Datasheet
3Mb / 6P
8A SERIES TRIACS
Revision:20240709P1
logo
ON Semiconductor
BTB08-600CW3G ONSEMI-BTB08-600CW3G Datasheet
91Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
More results


Similar Description - BTB08-600CW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTB06-600A ISC-BTB06-600A Datasheet
116Kb / 1P
With TO-220AB non insulated package
BTB10-600B ISC-BTB10-600B Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB10-600BW ISC-BTB10-600BW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB10-600C ISC-BTB10-600C Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600B ISC-BTB12-600B Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600C ISC-BTB12-600C Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600CW ISC-BTB12-600CW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600SW ISC-BTB12-600SW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB12-600TW ISC-BTB12-600TW Datasheet
107Kb / 1P
With TO-220AB non insulated package
BTB04-600SL ISC-BTB04-600SL Datasheet
116Kb / 1P
With TO-220AB non insulated package
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com