Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK-R-1 Datasheet (PDF) - Cooper Bussmann, Inc.

Part # KTK-R-1
Description  LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
File Size   677.95 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTK-R-1 Datasheet (PDF) - Cooper Bussmann, Inc.



Similar Part No. - KTK-R-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTK-R-1 ETC1-KTK-R-1 Datasheet
40Kb / 1P
Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Eaton All Rights Reserv...
KTK-R-1 EATON-KTK-R-1 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
List of Unclassifed Man...
KTK-R-1-1/2 ETC1-KTK-R-1-1/2 Datasheet
40Kb / 1P
Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Eaton All Rights Reserv...
KTK-R-1-1/2 EATON-KTK-R-1-1/2 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
List of Unclassifed Man...
KTK-R-1-10 ETC2-KTK-R-1-10 Datasheet
677Kb / 6P
KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
More results


Similar Description - KTK-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-70 COOPER-JJS-70 Datasheet
291Kb / 3P
LIMITRON??600V Class T JJS ??600Vac, 1-800A, Fast-Acting Fuses
KTU-601 COOPER-KTU-601 Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
KTK-R-1-10 ETC2-KTK-R-1-10 Datasheet
677Kb / 6P
KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
JJS EATON-JJS Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
KTU EATON-KTU Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com