Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP146 Datasheet (PDF) - ON Semiconductor

Part # NCP146
Description  300 mA CMOS Low Dropout Regulator
File Size   73.29 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP146 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NCP146

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results


Similar Description - NCP146

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com