Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ60120QPB33 Datasheet (PDF) - SynQor Worldwide Headquarters

Part # SQ60120QPB33
Description  High efficiency, 94.3% at full rated load current
File Size   2005.36 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QPB33 Datasheet (PDF) - SynQor Worldwide Headquarters



Similar Part No. - SQ60120QPB33

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPA28 SYNQOR-SQ60120QPA28 Datasheet
963Kb / 12P
Quarter-brick DC-DC Converter
SQ60120QPA28NK2 SYNQOR-SQ60120QPA28NK2 Datasheet
963Kb / 12P
Quarter-brick DC-DC Converter
SQ60120QPA28NKS SYNQOR-SQ60120QPA28NKS Datasheet
963Kb / 12P
Quarter-brick DC-DC Converter
SQ60120QPA28NN2 SYNQOR-SQ60120QPA28NN2 Datasheet
963Kb / 12P
Quarter-brick DC-DC Converter
SQ60120QPA28NNS SYNQOR-SQ60120QPA28NNS Datasheet
963Kb / 12P
Quarter-brick DC-DC Converter
More results


Similar Description - SQ60120QPB33

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
1.4Vmaximum dropout full load current
logo
International Rectifier
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
logo
SynQor Worldwide Headqu...
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
High efficiency, 94% at full rated load current
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
High efficiency, 96% at full rated load current
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
High Efficiency up to 84% Full Load
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
High Efficiency, typ. 96% efficiency at half load
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
Very high efficiency, typ. 97% at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
High Efficiency, typ. 94% efficiency at half load
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com