Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQP9221 Datasheet (PDF) - TriQuint Semiconductor

Part # TQP9221
Description  High Linearity 0.25 W Small Cell PA
File Size   429.61 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9221 Datasheet (PDF) - TriQuint Semiconductor



Similar Part No. - TQP9221

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9224 QORVO-TQP9224 Datasheet
621Kb / 8P
High Linearity 0.25 W Small Cell PA
March 1, 2018
TQP9224PCB401 QORVO-TQP9224PCB401 Datasheet
621Kb / 8P
High Linearity 0.25 W Small Cell PA
March 1, 2018
TQP9224TR13 QORVO-TQP9224TR13 Datasheet
621Kb / 8P
High Linearity 0.25 W Small Cell PA
March 1, 2018
More results


Similar Description - TQP9221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
logo
TriQuint Semiconductor
TGA2450-SM TRIQUINT-TGA2450-SM Datasheet
793Kb / 9P
2100 MHz, 2.5 W, Small Cell PA Module
TQP7M9101 TRIQUINT-TQP7M9101_15 Datasheet
759Kb / 20P
W High Linearity Amplifier
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
W High Linearity Amplifier
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
High Efficiency 0.5 W Small Cell PA
logo
Qorvo, Inc
TQP9418 QORVO-TQP9418 Datasheet
500Kb / 8P
High Linearity 0.5 W Small Cell PA
QPA9424 QORVO-QPA9424 Datasheet
1Mb / 10P
High Linearity 0.5 W Small Cell PA
QPA9421 QORVO-QPA9421 Datasheet
1Mb / 10P
High Linearity 0.5 W Small Cell PA
QPA9418 QORVO-QPA9418 Datasheet
946Kb / 10P
High Linearity 0.5 W Small Cell PA
QPA9426 QORVO-QPA9426 Datasheet
539Kb / 8P
High Linearity 쩍 W Small Cell PA
August 7, 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com