Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQF100O_SERIES Datasheet (PDF) - Arch Electronics Corp.

Part # AQF100O_SERIES
Description  High Efficiency up to 93% Typical
File Size   338.47 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF100O_SERIES Datasheet (PDF) - Arch Electronics Corp.



Similar Part No. - AQF100O_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF100O-12S ARCH-AQF100O-12S Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF100O-12S ARCH-AQF100O-12S Datasheet
319Kb / 5P
Open Frame 100W Power Supply in 4.0??x 2.0??Size
AQF100O-15S ARCH-AQF100O-15S Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF100O-15S ARCH-AQF100O-15S Datasheet
319Kb / 5P
Open Frame 100W Power Supply in 4.0??x 2.0??Size
AQF100O-24S ARCH-AQF100O-24S Datasheet
254Kb / 5P
AC-DC Switching Power Supply
More results


Similar Description - AQF100O_SERIES

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
High efficiency (96% Typical)
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
SynQor Worldwide Headqu...
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
High efficiency, 93% at full rated load current
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
Efficiency up to 95%
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
Efficiency up to 89%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
High Efficiency up to 93% Typical
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
High Efficiency up to 93%
logo
Recom International Pow...
RO-E RECOM-RO-E Datasheet
90Kb / 2P
High Efficiency up to 84%
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
Efficiency up to 93%, no need for heatsinks
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com