Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S34L Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.

Part # S34L
Description  Surge Overload Rating to 80A Peak
File Size   1785.36 Kbytes
Html View  1   2 
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

S34L Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.



Similar Part No. - S34L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S34 MICROSEMI-S34 Datasheet
119Kb / 2P
Silicon Power Rectifier
logo
Yangzhou yangjie electr...
S34 YANGJIE-S34 Datasheet
99Kb / 2P
Schottky Rectifier
logo
RFE international
S34 RFE-S34 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-11-2022
logo
UMPCO, Inc.
S340 UMPCO-S340 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED
logo
Nordic Semiconductor
S340 NORDIC-S340 Datasheet
296Kb / 2P
Development dongle for Bluetooth 5/Bluetooth mesh/Thread/Zigbee/802.15.4/ANT/2.4GHz
Version 1.1
More results


Similar Description - S34L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBPC10W LUGUANG-KBPC10W Datasheet
143Kb / 2P
Surge overload -240~500 Amperes peak
logo
Pulse A Technitrol Comp...
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
RoHS peak reflow temperature rating: 245째C째째
H304 PULSE-H304 Datasheet
832Kb / 4P
RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
RoHS peak reflow temperature rating: 245C
H327 PULSE-H327 Datasheet
1Mb / 5P
RoHS peak reflow temperature rating 245C
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
Surge overload -240~500 amperes peak
logo
Sangdest Microelectroni...
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
Surge Overload Rating to 30A Peak
MB05S SMC-MB05S Datasheet
164Kb / 4P
Surge overload rating-30A peak
SS22A SMC-SS22A Datasheet
264Kb / 5P
Surge Overload Rating to 50A Peak
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com