Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK60C Datasheet (PDF) - Astec America, Inc

Part # BK60C
Description  Regulation to zero load
File Size   78.9 Kbytes
Html View  1   2 
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BK60C Datasheet (PDF) - Astec America, Inc



Similar Part No. - BK60C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BK60C-048L-018F40H ASTEC-BK60C-048L-018F40H Datasheet
677Kb / 2P
150 Watts
BK60C-048L-018F40H ASTEC-BK60C-048L-018F40H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
BK60C-048L-018F40HN ASTEC-BK60C-048L-018F40HN Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
BK60C-048L-025F40H ASTEC-BK60C-048L-025F40H Datasheet
677Kb / 2P
150 Watts
BK60C-048L-025F40H ASTEC-BK60C-048L-025F40H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
More results


Similar Description - BK60C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
Enhanced line/load regulation with Feed-Forward
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
Load Regulation, typical - 2mV
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
Extremely Tight Line and Load Regulation
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
Good Line and Load Regulation
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com