Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUIP Datasheet (PDF) - TE Connectivity Ltd

Part # KUIP
Description  KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
File Size   617.24 Kbytes
Html View  1   2   3 
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KUIP Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - KUIP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUIP-KUGP TEC-KUIP-KUGP Datasheet
617Kb / 3P
KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
More results


Similar Description - KUIP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
logo
Tyco Electronics
KUGP-7D55-24 MACOM-KUGP-7D55-24 Datasheet
617Kb / 3P
KUIP/KUGP Series Panel Plug-in Relay
logo
TE Connectivity Ltd
KUIP-KUGP TEC-KUIP-KUGP Datasheet
617Kb / 3P
KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
430 TEC-430 Datasheet
473Kb / 3P
4kV/8mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
5kV/10mm coil-contact
C-SRK-PC-080-1635-XX TEC-C-SRK-PC-080-1635-XX Datasheet
145Kb / 1P
CONTACT, SOCKET 8mm DIA SRK SERIES
logo
HARTING Technology Grou...
09-14-000-6308 HARTING-09-14-000-6308 Datasheet
465Kb / 2P
Pneum. contact metal ID 8mm, male
09-14-000-6408 HARTING-09-14-000-6408 Datasheet
464Kb / 2P
Pneum. contact metal ID 8mm, female
09-14-000-6358 HARTING-09-14-000-6358 Datasheet
476Kb / 2P
Pneum. contact metal OD 8mm, male
09-14-000-6458 HARTING-09-14-000-6458 Datasheet
471Kb / 2P
Pneum. contact metal OD 8mm, female
2021-10-01
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com