Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM-011184 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAAM-011184
Description  CATV Return Path Amplifier
File Size   900.85 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011184 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAAM-011184

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011182 MA-COM-MAAM-011182 Datasheet
1Mb / 7P
Single stage, single ended, 8 V, 130 mA
MAAM-011182-001SMB MA-COM-MAAM-011182-001SMB Datasheet
1Mb / 7P
Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR1000 MA-COM-MAAM-011182-TR1000 Datasheet
1Mb / 7P
Single stage, single ended, 8 V, 130 mA
MAAM-011182-TR3000 MA-COM-MAAM-011182-TR3000 Datasheet
1Mb / 7P
Single stage, single ended, 8 V, 130 mA
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
CATV Return Path Differential Amplifier
More results


Similar Description - MAAM-011184

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
EPM705250NC0 JDSU-EPM705250NC0 Datasheet
268Kb / 6P
Forward and Return Path Analog CATV Detector Modules
logo
Optoway Technology Inc
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
Uncooled 1550 nm MQW-DFB LD for CATV return path application
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
Uncooled 1310 nm MQW-DFB LD for CATV return path application
logo
M/A-COM Technology Solu...
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
Amplifier, CATV Return Path Differential
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
CATV Return Path Differential Amplifier
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
CATV Return Path MCM 300MHz 35dB
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
15 dB Return Path Amplifier 5 ??210 MHz
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
CATV Return Path MCM 300MHz 35dB
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com